Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 19 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 19 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 22Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 23Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
19
www.emmicroelectronic.com
2.4.4
POWERMANAGMENT REGISTERS
0x0000
RegSysCfg1
System Configuration - 1
Bits
Name
Type
ResVal
ResSrc
Description
7
SelSleep
RW
0
ResSys
Select Sleep mode on Halt
6
SelPwrDwn
RW
0
ResSys
Select Power-Down mode on Halt
4
EnBrownOut
RW
1
ResAna
Enable Brown Out
3:2
XtalCldStart
RW
'00'
ResSys
Select Xtal Osc. ColdStart length
1
StdByFastWkUp
RW
0
ResSys
fast Wakeup for Stand-by and Sleep mode
0
VSUPLow
RO
0
VSUP is Low - Tripler activated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com