Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 18 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 18 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 16Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 17Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 18Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 19Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 20Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 21Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 22Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
18
www.emmicroelectronic.com
2.4 POWER MANAGEMENT
The internal voltage regulator and the voltage multiplier assure a constant voltage VREG to the memory cells, GPNVM,
RAM, ROM, the logic, the CPU core and sensible analog cells over the whole voltage range.
For voltages below typ 2.2V the internal voltgage multiplier may become active and deliver the energy to sustain VREG
voltage. While the internal voltage multiplier is enabled the maximum current draw of all VREG supplied peripherals is
limited and the user shall not use operation frequencies above 2MHz nor switch on the 15Mhz RC oscillator.
The flag VSUPLow shows the status of the voltage multiplier, if read ‘1’ it means the multiplier is active and the current
rescrictions apply.On low voltage supply status 1’ the internal voltage multiplier maintains VREG voltage.
Full frequency range can be used as long as VSUPLow = ‘0’, the voltage multiplier is disabled and the logic regulator
maintains VREG stable.
Figure 2, Power Management architecture
2.4.1
BROWNOUT
If enabled, the BrownOut supervises the VREG voltage. As soon as Vreg drop below the minimal safe operation voltage
for core operations and as such underpasses the brownout limits, reset ResBO is asserted. The circuit goes in reset
state and can only recover from reset if the voltage rises above the PwrCheck level. (VPWRCheck > VBrwnout).
The brownout can be disabled by EnBrownOut bit. The function is also automatically stopped in sleep mode if none of
the Bandgap reference, ADC or OPAMP is active.
2.4.2
POWERCHECK
Powercheck is enabled on system power-up, it keeps the circuit in idle state until VREG voltage is sufficient high for
safe core operation.
( VREG > VPWRCheck > VBrwnoutt)
Powercheck is active after
initial power-up,
wake-up from Power-Down,
wake-up from sleep
after any system reset
2.4.3
POR
POR circuitry supervises the supply voltage VSUP at start-up and during all operation modes. As long as VSUP is
below the VPOR voltage the circuit is in reset state. If the VSUP falls below VPOR the circuit will enter reset state even if
brownout was disabled.
At power-up the POR initializes the whole circuit except the RAM and powercheck is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com