Electronic Components Datasheet Search
  English  ▼

X  

EM6819 Datasheet(PDF) 41 Page - EM Microelectronic - MARIN SA

Part # EM6819
Description  Sub-1V (0.6V) 8bit Flash MCU DC-DC Converter
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6819 Datasheet(HTML) 41 Page - EM Microelectronic - MARIN SA

Back Button EM6819 Datasheet HTML 37Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 38Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 39Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 40Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 41Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 42Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 43Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 44Page - EM Microelectronic - MARIN SA EM6819 Datasheet HTML 45Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 154 page
background image
R
EM6819
Copyright
© 2009, EM Microelectronic-Marin SA
07 /09 – rev.D
41
www.emmicroelectronic.com
6.
ROM API ROUTINES
The circuit has a ROM memory used for the following purposes: Refer also to [2].
System Boot sequence
Erase/write operation in NVM
Dump NVM row into RAM cache
CRC calculation on NVM or RAM
ISP functions (Program loading, CRC check)
6.1 BOOT SEQUENCE
This sequence runs after any reset. Depending on the reset source, the boot sequence can change as follows:
Reste source
Description
Duration
Start-up
Power-Down wake-
up
VSUP Low (1.0V)
Power-up (voltage-multiplier rising up and power check)
All trimming value are copied from NVM into the related
registers
7 ms
Start-up
Power-Down wake-
up
VSUP High (2.5V)
Power-up (power check)
All trimming value are copied from NVM into the related
registers
5 ms
ResAna
All trimming value are copied from NVM into the related
registers
3.5 ms
ResSys
No trimming value are copied from NVM into the related
registers.
1 ms
At the end of the boot sequence the watchdog is cleared. The user application software starts. All registers have the
value as described in the register map depending what reset source is the cause of the boot sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com