Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 76 page
background image
ST7571
Ver 1.5a
26/76
2009/7/21
7.4 POWER SUPPLY CIRCUITS
The Power Supply circuits generate the voltage levels necessary to drive liquid crystal driver circuits with low power
consumption and the fewest components. There are voltage converter circuits, voltage regulator circuits, and voltage
follower circuits. They are controlled by power control instruction.
Voltage Regulator Circuits
The internal Voltage Regulator circuit provides the liquid crystal operating voltage (V0) by adjusting resistors (SRR and EV).
The parameter
“SRR” can be set by “Select Regulator Register”.
The parameter
“EV” can be set by “Set Electronic Volume Register”, and the range of EV is 0~63.
(63- EV)
V0 = SRR x (1 -
——————) x 2.1
210
Table 5 Internal Regulator Ratio depending on 3-bit Data (R2 R1 R0)
3-bit data settings (R2 R1 R0)
0 0 0
0 0 1
0 1 0
0 1 1
1 0 0
1 0 1
1 1 0
1 1 1
SRR
(Select Regulator Ratio)
2.3
3.0
3.7
4.4
5.1
5.8
6.5
7.2
Fig. 18 shows V0 voltage measured by adjusting regulator register ratio and 6-bit electronic registers for each temperature
coefficient at Ta = 25
°C. The recommended range of EV setting is level 16 ~ 47.
0
2
4
6
8
10
12
14
16
000
001
010
011
100
101
110
111
Fig. 18 Electronic Volume Level (25
°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com