Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
ST7571
Ver 1.5a
11/76
2009/7/21
6.3 SYSTEM CONTROL
System Control Pin Description
Name
I/O
Description
VEXT
O
Reserved for testing, must set with floating.
OSC1
I
Connect OSC1 to VDD1.
DCPS
I
This pin selects the supply voltage source of the digital circuit.
If system VDD1 is 3.0V ~ 3.3V, set DCPS=L to select Internal Regulator as digital circuit power.
If system VDD1 is 1.8V ~ 2.8V, set DCPS=H to select VDD1 as digital circuit power.
CSEL
I
Select COM output sequence.
Fix CSEL=H to enable
“Interlace” mode (recommended).
In interlace mode, COM2n (even number) is in the one side, COM(2n+1) (odd number) is in the
opposite side.
VD1I
VD1O
O
Short VD1I with VD1O externally by ITO or FPC.
VD1I is the power supply pin of the internal digital circuits.
When DCPS=L, VD1O is the output of the internal digital power regulator.
When DCPS=H, VD1O is provided by VDD1.
VE
I
When writing EEPROM, VE should be pull-high externally.
VPP
I
When writing EEPROM, it needs external power supply voltage.
MF[2:0]
I
Reserve for testing only, recommend setting to [ MF2,MF1,MF0 = 0,0,0 ].
DS[1:0]
I
Reserve for testing only, recommend setting to [ DS1,DS0 = 0,0 ].
Notes:
1.
When system control pin set to
“H”, it should be connected to VDD1.
2.
When system control pin set to
“L”, it should be connected to VSS1.
3.
CSEL function is illustrated as the figure below:
CSEL=
“H”
Gold Bump Face Up
COM127
COM125
COM3
COM1
COM5
COM126
COM124
COM2
COM0
COM4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com