Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 48 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 48 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
ST7571
Ver 1.5a
48/76
2009/7/21
10. OPERATION FLOW
10.1 Power ON Sequence
Case 1: RST=L while Power ON (Recommended)
Case 2: RST=H while Power ON
Timing Requirement:
Item
Symbol
Requirement
Note
RST input time
tON-RST
Recommend
0
≤ tON-RST ≤ 50 ms
l
After VDDI is stable, a successful hardware reset by RST is
required.
l
RST=L can be input at any time after power is stable.
l
tRW & tR should match the timing specification of RST.
l
The recommended time just prevents abnormal display
(customer can use Case 1 instead).
VDD2 power delay
tON-V2
0
≤ tON-V2
l
Applying VDDI and VDDA in any order will not damage IC.
l
If VDDI and VDDA are separated, it is recommend to turn
ON VDDI first, followed by a success hardware reset, and
the VDDA is the last one.
Note:
1.
IC will NOT be damaged if either VDDI or VDDA is OFF while another is ON.
The specification listed below just wants to prevent abnormal display on LCD module.
2.
Power stable is defined as the time that the later power (VDDI or VDDA) reaches 90% of its rated voltage. The power
stable time depends on system and the time is not included in this specification (customer should consider this factor).
3.
It is recommended to keep the interface pins (A0, RWR, ERD, CSB and DB[7:0]), except RST, at
“High” level before
the internal reset procedure is finished.
4.
Internal VD1 generator will generate VD1 when DCPS is set to
“L”. The VD1 rising time is controlled by ITO resistance
and the external capacitor. Before VD1 is stable, internal logic state is unstable and large current maybe occurred. This
current will not damage IC. This period can be reduced by reduce the ITO resistance or the external capacitor value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com