Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
ST7571
Ver 1.5a
12/76
2009/7/21
6.4 MICROPROCESSOR INTERFACE
Microprocessor Interface Pin Description
Name
I/O
Description
RST
I
Reset input pin.
When RST is
“L”, initialization is executed.
PS[2:0]
I
PS[2:0] select the microprocessor interface:
PS2
PS1
PS0
Selected Interface Mode
L
L
H
Parallel 8080 MPU Interface
L
H
H
Parallel 6800 MPU Interface
L
L
L
Serial 3-Line Interface
L
H
L
Serial 4-Line Interface
H
L
L
Serial I
2C Interface
* NOTE: It is impossible to read data from the on-chip DDRAM.
For detailed interface connection, please refer to Section 7.1 and Application Circuits.
CSB
I
Chip select input pin.
The interface is enabled only when CSB is "L" (except I
2C Interface).
When CSB is non-active, DB[7:0] are high impedance.
CSB is not used in I
2C interface; it is recommended to fix CSB at “H” by VDD1.
A0
I
Register select input pin.
A0 =
“H”: DB0 to DB7 are display data.
A0 =
“L”: DB0 to DB7 are control command.
A0 is not used in serial 3-Line and I
2C interface; it is recommended to fix A0 at “H” by VDD1.
RWR
I
Write execution control pin.
PS2
PS1
PS0
MPU Type
RWR
Description
L
H
H
6800-series
R/W
Write control input pin.
Keep this pin at
“L” level.
L
L
H
8080-series
/WR
The data on DB[7:0] are latched at the rising
edge of the /WR signal.
ERD
I
Read / Write execution control pin.
PS2
PS1
PS0
MPU Type
ERD
Description
L
H
H
6800-series
E
The data on DB[7:0] are latched at the falling
edge of the E signal.
L
L
H
8080-series
/RD
Keep this pin at
“H” level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com