Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 19 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 19 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
ST7571
Ver 1.5a
19/76
2009/7/21
SYSTEM CONFIGURATION
The system configuration is illustrated in Fig 7 and some word-definitions are explained below:
- Transmitter: the device which sends the data to the bus.
- Receiver: the device which receives the data from the bus.
- Master: the device which initiates a transfer, generates clock signals and terminates a transfer.
- Slave: the device which is addressed by a master.
- Multi-Master: more than one master can attempt to control the bus at the same time without corrupting the message.
- Arbitration: the procedure to ensure that, if more than one master tries to control the bus simultaneously, only one is
allowed to do so and the message is not corrupted.
- Synchronization: procedure to synchronize the clock signals of two or more devices.
Fig 7.
System configuration
ACKNOWLEDGEMENT
Each byte of eight bits is followed by an acknowledge-bit. The acknowledge-bit is a HIGH signal put on SDA by the
transmitter during the time when the master generates an extra acknowledge-related clock pulse. A slave receiver which is
addressed must generate an acknowledge-bit after the reception of each byte. A master receiver must also generate an
acknowledge-bit after the reception of each byte that has been clocked out of the slave transmitter. The device that
acknowledges must pull-down the SDA line during the acknowledge-clock pulse, so that the SDA line is stable LOW during
the HIGH period of the acknowledge-related clock pulse (set-up and hold times must be taken into consideration). A master
receiver must signal an end-of-data to the slave transmitter by not generating a acknowledge-bit on the last byte that has
been clocked out of the slave. In this event the transmitter must leave the data line HIGH to enable the master to generate a
STOP condition. Acknowledgement on the I
2C Interface is illustrated in Fig 8.
Fig 8.
Acknowledgement of I
2C Interface
I
2C INTERFACE PROTOCOL
ST7571 supports command/data write to addressed slaves on the bus.
Before any data is transmitted on the I
2C Interface, the device, which should respond, is addressed first. Four 7-bit slave
addresses (0111100, 0111101, 0111110 and 0111111) are reserved for ST7571. The least significant 2 bits of the slave
address is set by connecting SA0 and SA1 to either logic 0 (VSS1) or logic 1 (VDD1).
The I
2C Interface protocol is illustrated in Fig 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com