Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 14 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 14 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 76 page
background image
ST7571
Ver 1.5a
14/76
2009/7/21
6.5 LCD DRIVER OUTPUTS
LCD Driver Output Pin Description
Name
I/O
Description
SEG0
to
SEG127
O
LCD segment driver outputs. The display data and frame signal control the output .
Segment Driver Output Voltage
Display Data
Frame
Normal Display
Reverse Display
H
Positive
VG
VSS
H
Negative
VSS
VG
L
Positive
VSS
VG
L
Negative
VG
VSS
Display off / Power save mode
VSS
VSS
COM0
to
COM127
O
LCD common driver outputs. The internal scan signal and frame signal control the output voltage.
Scan Signal
Frame
Common Driver Output Voltage
H
Positive
XV0
H
Negative
V0
L
Positive
VM
L
Negative
VM
Display off / Power save mode
VSS
COMS2
COMS1
O
Common output for the icons.
The outputs at COMS1 and COMS2 are the same. When not used, these pins should be left open.
Recommend I/O Resistance
PIN Name
ITO Resister
PS[2:0], OCS1, VEXT, DCPS, MF[2:0], DS[1:0]
<5K
Ω
VDD1, VDD2, VDD3, VSS1, VSS2, VSS3, VPP, VD1I, VD1O
<100
Ω
CSB , ERD, RWR, A0, DB[7:0], VE
<1K
Ω
V0, VG, VM, XV0, VD1
<500
Ω
RST
<10K
Ω
Note:
1.
These Limitations include the bottleneck of ITO layout.
2.
Keep the ITO resistance of COM0 ~ COM127 be equal, and so it is of SEG0 ~ SEG127.
3.
If using I
2C interface mode, the resistance of SDA signal is recommended to be lower than 300Ω
(if the system pull up resistor is 4.7K
Ω).
4.
If LCD panel size is larger than 1.5
”, the resistance limitations will be lower.
5.
To avoid the noise in different power system affect other power system, please separate different power source on
ITO layout. Please refer to the ITO Layout Reference.
6.
The V0, XV0 and VG power circuits have output pins, input pins and a sensor input. To avoid the power noise affects
the sensor of the power circuits. The trace should be separated by ITO and should be connected together by FPC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com