| Electronic Components Datasheet Search |
|
ST7571 Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7571 Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd. |
|
45 / 76 page ![]() ST7571 Ver 1.5a 45/76 2009/7/21 9.1.27 Extension Command Set1 This instruction enables the extension command set-1. A0 R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 1 1 1 1 1 1 0 1 9.1.28 Extension Command Set2 This instruction enables the extension command set-2. A0 R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 1 1 0 1 0 0 0 1 9.1.29 Extension Command Set3 This instruction enables the extension command set-3. A0 R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 1 1 1 1 0 1 1 Extension Command Set 1 After entering the extension mode-1, the extension command set-1 is enabled. These commands are valid only in this mode. Always remember to return back to normal mode for correct operation. Increase Vop Offset This instruction increases the Vop offset (Vof[4:0]) by 1. A0 R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 1 0 1 0 0 0 1 Decrease Vop Offset This instruction decreases the Vop offset (Vof[4:0]) by 1. A0 R/W DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0 0 0 0 1 0 1 0 0 1 0 Fine Tune Vop The “Increase Vop Offset” and “Decrease Vop Offset” instructions fine tune the voltage of Vop. The relation is shown below: Note: 1. The range is limited. If continuously setting “Increase Vop Offset”, Vof[4:0] will increase. When Vof[4:0] is 0x0F and followed by a “Increase Vop Offset” command, Vof[4:0] will become 0x10. As the result, Vop changes from +15 step to -16 step. Software programmer should add a software protection to prevent that an operator maybe presses the “Increase Button” too many times accidentally. 2. EV ”[5:0] = EV[5:0] + Vof[4:0] and EV”[5:0] ≤ 0x3F. If EV[5:0] + Vof[4:0] > 0x3F, EV”[5:0] will truncate the invalid bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |