Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
ST7571
Ver 1.5a
23/76
2009/7/21
7.3 LCD DISPLAY CIRCUITS
Oscillator
This is on-chip Oscillator without external resistor. When the internal oscillator is used, this pin must connect to VDD1; when
the external oscillator is used, this pin could be input pin. This oscillator signal is used in the voltage converter and display
timing generation circuit.
Display Timing Generator Circuit
This circuit generates some signals to be used for displaying LCD. The display clock, CL (internal), generated by oscillation
clock, generates the clock for the line counter and the signal for the display data latch. The line address of on-chip RAM is
generated in synchronization with the display clock and the display data latch circuit latches the 128-bit display data in
synchronization with the display clock. The display data, which is read to the LCD driver, is completely independent of the
access to the display data RAM from the microprocessor. The display clock generates an LCD AC signal (FR) which
enables the LCD driver to make an AC drive waveform, and also generates an internal common timing signal and start
signal to the common driver. The frame signal or the line signal changes the M by setting internal instruction. Driving
waveform and internal timing signal are shown in Fig. 13.
FR(Internal)
Frame
COM0
COM10
SEGn
CL(Internal)
127
0
1
2
3
4
5
6
7
89
10 11
128
128
1
34
2
0
127
126
125
124
123
122
121
120
Fig. 13
Frame AC Driving Waveform (Duty Ratio: 1/129)
Fig. 14
N-Line Inversion Driving Waveform (N=5,Duty Ratio=1/129)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com