Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 1 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 1 Page - Sitronix Technology Co., Ltd.

  ST7571 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Sitronix
ST7571
4 Gray Scale Dot Matrix LCD Controller/Driver
Ver 1.5a
1/76
2009/7/21
1. INTRODUCTION
ST7571 is a driver & controller LSI for 4-level gray scale graphic dot-matrix liquid crystal display systems. This chip is
connected directly to a microprocessor, accepts Serial Peripheral Interface (SPI), I
2C or 8-bit parallel display data and
stores in an on-chip display data RAM of 128 x 129 x 2 bits. It performs display data RAM write operation with no external
operating clock to minimize power consumption. In addition, because it contains power supply circuits necessary to drive
liquid crystal, it is possible to make a display system with the fewest components.
2. FEATURES
4-level (White, Light Gray, Dark Gray, Black) Gray Scale Display with PWM Method
DDRAM Data [ 2n : 2n+1 ]
2n
2n + 1
Gray Scale
0
0
White
0
1
Light gray
1
0
Dark gray
1
1
Black
(Accessible column address, n = 0, 1, 2,
……, 125, 126, 127)
Driver Output Circuits
-
128 segment outputs / 128+1 common outputs
Applicable Duty Ratios
-
Various partial display
-
Partial window moving & data scrolling
On-chip Display Data RAM
-
Capacity: 128 x 129 x 2= 33,024 bits
Microprocessor Interface
-
8-bit parallel interface supports
6800-series or 8080-series MCU
-
4-line serial interface (4-Line SPI)
-
3-line serial interface (3-Line 8-bit SPI)
-
I
2C serial interface
On-chip Low Power Analog Circuits
-
On-chip oscillator circuit
-
Build-in Voltage converter ( x8)
-
Voltage regulator (temperature gradient: -0.13%/
°C)
-
On-chip contrast control function (64 steps x 8)
-
Voltage follower (LCD bias : 1/5 to 1/12)
Operating Voltage Range
-
Digital Power (VDD1):
1.8V~3.3V (cover 1.7V~3.4V)
-
Analog Power (VDD2, VDD3):
2.7V~3.3V (cover 2.6V~3.4V)
Package Type
-
Application for COG
ST7571
6800 , 8080 ,
4-Line , 3-Line interface
(without I
2C interface)
ST7571i
I
2C interface
Sitronix Technology Corp. reserves the right to change the contents in this document without prior notice.


Similar Part No. - ST7571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
logo
Sitronix Technology Co....
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
More results

Similar Description - ST7571

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com