Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 75 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 75 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 76Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 75 / 76 page
background image
ST7571
Ver 1.5a
75/76
2009/7/21
ST7571 Specification Revision History
Version
Date
Description
1.0
2008/01/29
1.
Official Release.
1.1
2008/04/02
1.
Remove CSL=L setting.
2.
Modify Application note
3.
Add Initial code
4.
Modify ITO layout reference
5.
Modify 9.1.14 entire display
1.2
2008/08/08
1.
Re-arrange sections for document format issue.
2.
Remove one of the Power OFF flow (not easy control by customer).
3.
Update recommend N-Line setting as 12-line (0x0A).
4.
Rewrite some description for easy understanding and grammar issue.
5.
Fix wrong Limiting Values.
6.
Rewrite DC Characteristics section. Separate Internal Power Application Note for
detailed description.
7.
Modify Recommend LCD Vop Setting: use same bias for easy use.
1.3
2008/12/19
1.
Modify limiting voltage values.
2.
Modify 8080/6800 system cycle time.
1.4
2009/03/13
1.
Remove reversion history before Ver. 1.0.
2.
Redraw broken figures.
3.
Rewrite Section 7.5 RESET CIRCUITS for easy understanding.
4.
Rewrite descriptions for easy understanding.
5.
Update Power ON Sequence information.
6.
Add 0x8C & 0x90 to
“Set_EE_Register” at Software Function Program.
7.
Fix COM pad naming in figures.
8.
Update external components information.
9.
Match the instruction name with the instruction description.
1.4a
2009/03/16
1.
Modify drawing: RST waveform at 10.1 Power ON Sequence Section (Case 2).
2.
Fix typing mistakes.
1.4b
2009/05/13
1.
Redraw IC outline (Page 2) and use only one view direction for IC and PAD.
2.
Fix typing mistakes and rewrite descriptions for easy understanding.
3.
Add ITO limitation of I
2C interface signal SDA (Page 14).
4.
Fix naming issue on Page 17, 22, 35. Column Address should be X[7:0] (not Y[7:0]).
5.
The default value of FR[3:0] after reset is missing in previous version.
6.
Rearrange the operation flow information into one section:
“Section 10. OPERATION FLOW” (Page 48).
7.
Rename section
“10. COMMAND DESCRIPTION” to be “10. OPERATION FLOW.”
8.
Add note of I
2C: “VDD1 higher than 2.6V”.
9.
Add notes to Section 14. EXTERNAL COMPONENTS. Modify the value to be a range.
10.
Fix Section 15. APPLICATION PROGRAM EXAMPLE mistakes.
11.
Update detailed settings into Section 16. APPLICATION NOTES:
Different circuit for different VDD1 level (C4 is not used if VDD1 is 1.8V or 2.8V).
Reserve 2 more resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com