Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
ST7571
Ver 1.5a
35/76
2009/7/21
9.1.4 Set Page Address
This instruction sets the Page Address of display data RAM from the microprocessor into the page address register. Any
RAM data bit can be accessed when its Page Address and column address are specified. Along with the column address,
the Page Address defines the address of the display RAM to write display data. Changing the Page Address doesn
’t affect
the display status. Set Page Address instruction can not be used to set the page address to
“16”. Use ICON control register
ON/OFF instruction to set the page address to
“16”.
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
1
1
P3
P2
P1
P0
P3
P2
P1
P0
Page
0
0
0
0
0
0
0
0
1
1
:
:
:
:
:
1
1
1
0
14
1
1
1
1
15
9.1.5 & 9.1.6 Set Column Address
These instructions set the specified column address of DDRAM into the internal Column Address register. The internal
Column Address register points to the address of DDRAM for accessing display data. The Column Addresses register is
automatically increased by 1 when the microprocessor accesses the display data in DDRAM.
Set Column Address (MSB)
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
1
0
X7
X6
X5
Set Column Address (LSB)
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
0
0
X4
X3
X2
X1
X7
X6
X5
X4
X3
X2
X1
Column Address
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
:
:
:
:
:
:
:
:
1
1
1
1
1
1
0
126
1
1
1
1
1
1
1
127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com