Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 20 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 20 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
ST7571
Ver 1.5a
20/76
2009/7/21
The sequence is initiated with a START condition (S) from the I
2C Interface master, which is followed by the slave address.
All slaves with the corresponding address acknowledge in parallel, all the others will ignore the I
2C Interface transfer. After
acknowledgement, one or more command words are followed and define the status of the addressed slaves. A command
word consists of a control byte, which defines Co and A0, and a data byte.
The last control byte is tagged with a cleared most significant bit (i.e. the continuation bit Co). After a control byte with a
cleared Co bit, only data byte(s) will follow. The state of the A0 bit defines whether the following data bytes are interpreted
as commands or as RAM data. All addressed slaves on the bus also acknowledge the control and data bytes. After the last
control byte either a series of display data bytes or command data bytes may follow (depending on the A0 bit setting).
If the A0 bit of the last control byte is set to logic 1, these data bytes (display data bytes) will be stored in the display RAM at
the address specified by the internal data pointer. The data pointer is automatically updated and the data is directed to the
intended ST7571 device.
If the A0 bit of the last control byte is set to logic 0, these data bytes (command data byte) will be decoded and the setting of
ST7571 will be changed according to the received commands.
Only the addressed slave makes the acknowledgement after each byte. At the end of the transmission the bus master
issues a STOP condition (P). If no acknowledge is generated by the master after a byte, the driver stops transferring data to
the master.
Fig 9.
I
2C Interface protocol
0
Last control byte. Only a stream of data bytes is allowed to follow.
This stream may only be terminated by a STOP or RE-START condition.
Co
1
Another control byte will follow the data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com