Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 76 page
background image
ST7571
Ver 1.5a
53/76
2009/7/21
10.6 Referential Operation Flow : Burning EEPROM
HW Reset
Remove VDD from VE
Remove 18V from VPP
VPP connect to 18V
VE connect to VDD
Delay 120ms
Disable Autoread
Initial Sequence
Show Image
Erase EE
Write EE
( Software Coding Flow)
Set EE Register
(for the best display quality)
HW Reset
Delay 120ms
Check Module
Performance
Read EE
+
-
0x51
Key
Adjust Vop Offset
0x52
( Software Coding Flow)
Fig. 19 EE Burning flow chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com