Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 52 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 52 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 76 page
background image
ST7571
Ver 1.5a
52/76
2009/7/21
10.5 Referential Operation Flow : Power-OFF
By setting 0xA9, ST7571 will go into power save mode. The LCD driving outputs are fixed to VSS, built-in power circuits are
turned OFF and a discharge process starts.
Instruction Flow
After the built-in power circuits are turned OFF and
completely discharged, the power (VDD1 and VDD2)
can be removed.
Fig. 28 Power off instruction flow
Note:
1.
tPOFF: Internal Power discharge time. => 250ms (max).
2.
tV2OFF: Period between VDD1 and VDD2 OFF time. => 0 ms (min).
3.
It is NOT recommended to turn VDD1 OFF before VDD2. Without VDD1, the internal status cannot be guaranteed
and internal discharge-process maybe stopped. The un-discharged power maybe flows into COM/SEG output(s) and
the liquid crystal in panel maybe polarized.
4.
IC will NOT be damaged if either VDD1 or VDD2 is OFF while another is ON.
5.
The timing is dependent on panel loading and the external capacitor(s).
6.
The timing in these figures is base on the condition that: LCD Panel Size = 1.8
” and C=1uF.
7.
When turning VDD2 OFF, the falling time should follow the specification:
300ms
≤ tPFall ≤ 1sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com