Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
ST7571
Ver 1.5a
44/76
2009/7/21
9.1.24 RESET
This is software reset. It resets internal registers. The software reset is different with a hardware reset. This instruction
cannot initialize the LCD power supply, which is initialized by a hardware reset (refer to section 7.5 RESET CIRCUITS).
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
1
1
0
0
0
1
0
9.1.25 Set Display Data Length (only for 8-bit 3-Line SPI Mode)
This 2-byte instruction is used in 3-Line SPI mode only. In 3-Line SPI mode, A0 is not used and
“Set Display Data Length”
instruction is used to indicate the number of display data bytes which are going to be transmitted. The 1
st byte sets the
mode, and the 2
nd byte sets the data bytes, which will be written, into internal counter. The next byte after the display data
string is handled as instruction. The 3-Line SPI mode supports write-access only.
The 1
st Instruction: Set Display Data Length Command (Only Write Mode)
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
x
x
1
1
1
0
1
0
0
0
The 2
nd Instruction: Set Display Data Length Counter
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
x
x
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
Display Data Length
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
1
2
0
0
0
0
0
0
1
0
3
:
:
:
:
:
:
:
:
:
1
1
1
1
1
1
0
1
254
1
1
1
1
1
1
1
0
255
1
1
1
1
1
1
1
1
256
9.1.26 NOP
No operation
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
1
1
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com