Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
ST7571
Ver 1.5a
32/76
2009/7/21
9. INSTRUCTION DESCRIPTION
9.1.1 Set Mode
This 2-byte instruction specifies frame frequency (FR[3:0]) and booster efficiency (BE[1:0])
The 1
st Instruction
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
0
0
1
1
1
0
0
0
The 2
nd Instruction
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
FR3
FR2
FR1
FR0
BE1
BE0
x
’
0
Frame Frequency
FR[3:0] specifies the frame frequency:
FR3
FR2
FR1
FR0
Frame Frequency
0
0
0
0
77 Hz
±10%
0
0
0
1
51 Hz
±20%
0
0
1
0
55 Hz
±20%
0
0
1
1
58 Hz
±20%
0
1
0
0
63 Hz
±20%
0
1
0
1
67 Hz
±20%
0
1
1
0
68 Hz
±20%
0
1
1
1
70 Hz
±20%
1
0
0
0
73 Hz
±20%
1
0
0
1
75 Hz
±20%
1
0
1
0
80 Hz
±20%
1
0
1
1
85 Hz
±20%
1
1
0
0
91 Hz
±20%
1
1
0
1
102 Hz
±20%
1
1
1
0
113 Hz
±20%
1
1
1
1
123 Hz
±20%
Booster Efficiency
The efficiency of internal Booster is configurable by BE[1:0]. The optimized setting is Level-3.
BE1
BE0
Description
0
0
Booster Efficiency Level 1
0
1
Booster Efficiency Level 2
1
0
Booster Efficiency Level 3
1
1
Booster Efficiency Level 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com