Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 10 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 10 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
ST7571
Ver 1.5a
10/76
2009/7/21
6. PIN DESCRIPTION
6.1 POWER SUPPLY
Power Supply Pin Description
Name
I/O
Description
VDD1
Power
Power supply for digital circuit.
If VDD1 is the same level as VDD2, they can be connected together by FPC.
VDD2
Power
Power supply for analog circuit (booster).
VDD3
Power
Power supply for sensitive circuit (internal Vref regulator).
VDD3 is the same level as VDD2, and they should be connected together by FPC.
VSS1
Power
Ground for digital circuit. VSS1, VSS2 & VSS3 should be connected together by FPC.
VSS2
Power
Ground for analog circuit (booster), it should be connected together by FPC.
VSS3
Power
Ground for sensitive circuit (Vref regulator), it should be connected together by FPC.
6.2 LCD DRIVER SUPPLY
LCD Driver Supply Pin Description
Name
I/O
Description
V0O
V0I
V0S
Power
V0 is the LCD driving voltage for common circuits at negative frame.
V0O is the output of V0 regulator. V0S is the feedback of V0 regulator.
V0I is the V0 input of common circuits.
Be sure that: V0
≥ VG > VM > VSS ≥ XV0 (under operation).
V0O, V0I & V0S should be connected together by FPC.
XV0O
XV0I
XV0S
Power
XV0 is the LCD driving voltage for common circuits at positive frame.
XV0O is the output of XV0 regulator. XV0S is the feedback of XV0 regulator.
XV0I is the XV0 input of common circuits.
XV0O, XV0I & XV0S should be connected together by FPC.
VGO
VGI
VGS
Power
VG is the LCD driving voltage for segment circuits.
A storage capacitor on FPC or system for VG is required.
VGO is the output of VG regulator. VGS is the feedback of VG regulator.
VGI is the VG input of segment circuits.
VGO, VGI & VGS should be connected together by FPC.
Be aware that: 1.8V
≤ VG < VDD2.
VMO
Power
VMO is the output of VM, which is the LCD driving voltage for common circuits.
A storage capacitor on FPC or system for VM is required.
Be aware that: 0.7V < VM < VDD2.
When the internal power circuit is active, the VG and VM are generated according to the bias
setting as shown below:
LCD bias
VG
VM
1/N bias
(2/N) x V0
(1/N) x V0
NOTE: N = 5 to 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com