Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 57 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 57 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 56Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 57Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 58Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 59Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 60Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 61Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 76 page
background image
ST7571
Ver 1.5a
57/76
2009/7/21
12. DC CHARACTERISTICS
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicable
Pin
Digital Operating Voltage
VDD1
1.7
—
3.4
V
VDD1
Analog Operating Voltage
VDD2
2.6
—
3.4
V
*2
Analog Operating Voltage
VDD3
2.6
—
3.4
V
*2
High-level Input Voltage
VIHC
0.7 x VDD1
—
VDD1
V
*1
Low-level Input Voltage
VILC
VSS
—
0.3 x VDD1
V
*1
Input leakage current
ILI
VIN = VDD1 or VSS
–1.0
—
1.0
μA
*3
Output leakage current
ILO
VIN = VDD1 or VSS
–3.0
—
3.0
μA
*4
Vop=12V
ΔV=1.2V
—
0.7
LCD Driver ON Resistance
RON
Ta =25
°C
VG=2V
ΔV=0.2V
—
0.7
K
Ω
SEGn
COMn *5
Frame Frequency
fFR
VDD1~3 = 2.8V,
1/129 duty, N-line=0,
Ta = 25
°C
FR[3:0]=0000(77Hz)
70
77
84
Hz
1.
VSS1 = VSS2 = VSS3 = 0 V unless otherwise specified.
Bare Dice Current Consumption
Using Internal Power Circuits and applying external operating voltage (VDD1, VDD2 & VDD3).
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Display ON
Pattern: SNOW
ISS
VDD1=1.8V, VDD2=VDD3=2.8V
Ta = 25
°C, Vop=10.5V, 8X booster,
1/9 Bias, N-Line=0x01, 1/129 duty,
FR[3:0]=0000(77Hz)
—
450
600
μA
*6
Power Save
ISS
VDD1=1.8V, VDD2=VDD3=2.8V ,
Ta = 25
°C
—
5
10
μA
*6
Note:
1.
The A0, D0 to D5, D6 (SI), D7 (SCL), /RD (E), /WR (R/W), CSB, IMS, OSC, P/S, /DOF, RESB, and MODE terminals.
2.
Used by internal analog circuits.
3.
The A0, /RD (E), /WR, /(R/W), CSB, IMS, OSC, P/S, /DOF, RESB and MODE terminals.
4.
Applies when the D0 to D5, D6 (SI), D7 (SCL) terminals are in a high impedance state.
5.
These are the resistance values for when a specified voltage difference is applied between the output terminals
(SEGn/COMn) and the various power supply terminals (V0, XV0, VG & VM).
RON = ΔV / ΔI
(
ΔV is the specified voltage difference; ΔI is the current when applying ΔV between output and power)
6.
It indicates the current consumed by Bare Chip alone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com