Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 34 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 34 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 76 page
background image
ST7571
Ver 1.5a
34/76
2009/7/21
9.1.3 Set Icon
This instruction makes Icon function enable or disable. After reset, the Icon function is disabled (ION=0). When ION=
“1”,
Icon display is enabled and the page address is set to
“16” for updating icon data (it is impossible to set page address to
“16” by Set Page Address instruction). Therefore, when writing data for icons, “Set Icon” instruction is necessary before
writing icon data. It set the page address to
“16” before writing icon data. When “ION” is “0”, Icon display function is not
available.
A0
R/W
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
0
1
0
1
0
0
0
1
ION
ION
Description
0
Disable Icon function
1
Enable Icon display and set Page Address to
“16”.
Fig. 20 Sequence for Writing Display Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com