Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 13 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 13 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
ST7571
Ver 1.5a
13/76
2009/7/21
Name
I/O
Description
I
When using parallel interface:
DB[7:0] are 8-bit data bus.
DB[7:0] are connected to the 8-bit data bus of a standard microprocessor.
When chip select is not active (CSB=H), DB[7:0] are high impedance.
I
When using 3-Line/4-Line serial interface:
DB7: serial input data (SID).
DB6: serial input clock (SCLK).
DB[5:0] are high impedance and must be fixed to
“H”.
When chip select is not active (CSB=H), DB[7:0] are high impedance.
DB[7:0]
I/O
When using I
2C interface:
DB7: SCL, serial clock input.
DB[6:4]: SDA_IN, serial input data.
DB[3:2]: SDA_OUT, output the acknowledge signal of the I
2C interface protocol.
DB[6:2] must be connected together (SDA).
*1
DB[1:0]: SA[1:0], I
2C slave address bits of ST7571. Must connect to VDD1 or VSS1.
1.
By connecting SDA_OUT to SDA_IN externally, the SDA line becomes fully I
2C interface compatible. Separating
acknowledge-output from serial data input is advantageous for chip-on-glass (COG) applications. In COG
applications, the ITO resistance and the pull-up resistor will form a voltage divider, which affects acknowledge-signal
level. Larger ITO resistance will raise the acknowledged-signal level and system cannot recognize this level as a valid
logic
“0” level. By separating SDA_IN from SDA_OUT, the IC can be used in a mode that ignores the acknowledge-bit.
For applications which check acknowledge-bit, it is necessary to minimize the ITO resistance of the SDA_OUT trace
to guarantee a valid low level.
2.
After VDD1 is turned ON, any MPU interface pins cannot be left floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com