Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 16 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 16 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
ST7571
Ver 1.5a
16/76
2009/7/21
7. FUNCTIONAL DESCRIPTION
7.1 MICROPROCESSOR INTERFACE
Chip Select Input
CSB pin is used for chip selection. ST7571 can interface with an MPU when CSB is
“L”. When CSB is “H”, the inputs of A0,
ERD and RWR with any combination will be ignored and DB[7:0] are high impedance. In 3-Line and 4-Line serial interface,
the internal shift register and serial counter are reset when CSB is
“H”.
Parallel / Serial Interface
ST7571 has types of interface for kinds of MPU. The MPU interface is selected by PS[2:0] pins as shown in Table 1. The
read-function is not available.
Table 1 Parallel / Serial Interface Mode
PS2
PS1
PS0
Type
CSB
A0
ERD
RWR
MPU Interface
L
L
/RD
/WR
8080-series parallel interface
L
H
H
Parallel
CSB
A0
E
R/W
6800-series parallel interface
L
L
---
3-Line SPI interface
L
H
L
CSB
A0
---
---
4-Line SPI interface
H
L
L
Serial
---
---
---
---
I
2C Interface
Note: The un-used pins are marked as
“---” and should be fixed to “H” by VDD1.
Parallel Interface (PS2 =
“L” & PS0 = “H”)
The 8-bit data bus is used in parallel interface and the type of MPU is selected by PS1 as shown in Table 2. The type of data
transfer is determined by signals at A0, ERD and RWR as shown in Table 3.
Table 2 Microprocessor Selection for Parallel Interface
PS1
CSB
A0
ERD
RWR
DB[7:0]
MPU bus
L
CSB
A0
/RD
/WR
DB[7:0]
8080-series
H
CSB
A0
E
R/W
DB[7:0]
6800-series
Table 3 Parallel Data Transfer
Common
6800-series
8080-series
A0
ERD (E)
RWR (R/W)
ERD (/RD)
RWR (/WR)
Description
L
H
L
H
L
Writes to internal register (instruction)
H
H
L
H
L
Display data write
Serial Interface Selection
By setting PS[2:0], one of the Serial Interfaces can be selected. In 3-Line or 4-Line SPI mode, the internal 8-bit shift register
and 3-bit counter are reset when IC is not active (CSB=
“H”).
Serial mode
PS[2:0]
CSB
A0
ERD
RWR
DB[7:0]
3-Line SPI
L, L, L
CSB
---
---
---
4-Line SPI
L, H, L
CSB
A0
---
---
DB7=SID, DB6=SCLK
DB[5:0]= ---
I
2C SPI
H, L, L
---
---
---
---
Refer to I
2C Interface. DB7=SCL, DB[6:4]=SDA_IN,
DB[3:2]=SDA_OUT, DB[1:0]=SA[1:0]
Note: The un-used pins are marked as
“---” and should be fixed to “H” by VDD1.
Note:
1.
The pin setting to be
“H” should connect to VDD1.
2.
The pin setting to be
“L” should connect to VSS1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com