Electronic Components Datasheet Search
  English  ▼

X  

ST7571 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7571
Description  4 Gray Scale Dot Matrix LCD Controller/Driver
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7571 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7571 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7571 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
ST7571
Ver 1.5a
22/76
2009/7/21
7.2 DISPLAY DATA RAM (DDRAM)
The Display Data RAM stores pixel data for the LCD. It is 129-row by 128-column addressable array. Each pixel can be
selected when the page and column addresses are specified. The 129 rows are divided into 16 pages of 8 lines and the 17
th
page with a single line (DB0 only). Data is written to the 8 lines of each page directly through DB0 to DB7. The display data
of DB0 to DB7 from the microprocessor correspond to the LCD common lines. The LCD controller and MPU interface
operate independently, data can be written into RAM at the same time when data is being displayed without flicker on LCD.
Page Address Circuit
It incorporates 4-bit Page Address register changed by only the
“Set Page” instruction. Page Address 16 is a special RAM
area for the icons and display data DB0 is only valid. The page address is set from 0 to 15, and Page 16 is for Icon page.
Line Address Circuit
This circuit assigns DDRAM a Line Address corresponding to the first line (COM0) of the display. Therefore, by setting Line
Address repeatedly, it is possible to realize the screen scrolling and page switching without changing the contents of
on-chip RAM. It incorporates 7-bit Line Address register changed by only the initial display line instruction and 7-bit counter
circuit. At the beginning of each LCD frame, the contents of register are copied to the line counter which is increased by CL
signal and generates the line address for transferring the 128-bit RAM data to the display data latch circuit. When icon is
enabled by setting icon control register, display data of icons are not scrolled because the MPU can not access Line
Address of icons.
Column Address Circuit
When set Column Address MSB / LSB instruction is issued, 7-bit (X[7:1]) are set and lowest bit (X0) is set to
“0”. The
internal column address (X[7:0]) is increased by 1 automatically after each byte of data access (write data). After sequential
access twice, the column address (X[7:1]) will point to the next column address. Please refer to Fig. 12.
Segment Control Circuit
This circuit controls the display data by the display ON / OFF, reverse display ON / OFF and entire display ON / OFF
instructions without changing the data in the Display Data RAM.
SEG Output
SEG
0
SEG
1
SEG
2
SEG
3
…
SEG
124
SEG
125
SEG
126
SEG
127
Column Address
X[7:1]
00H
01H
02H
03H
…
7CH
7DH
7EH
7FH
Internal column
address
X[7:0]
00
01
02
03
04
05
06
07
…
F8
F9
FA
FB
FC
FD
FE
FF
Display Data
(MX=0)
1
1
1
0
0
1
0
0
…
1
1
1
0
0
1
0
0
LCD panel
display
…
Display data
(MX=1)
0
0
0
1
1
0
1
1
…
0
0
0
1
1
0
1
1
LCD panel
display
…
Fig. 12
The Relationship between the Column Address and The Segment Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com