Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 26 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 26 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
ST7565
Ver 1.0a
26/56
2002/06/24
(C) When External Resistors are Used (The V5 Voltage Regulator Internal Resistors Are Not Used) (2)
When the external resistor described above are used,
adding a variable resistor as well makes it possible to
perform fine adjustments on Ra’ and Rb’, to set the liquid
crystal drive voltage V5. In this case, the use of the electronic
volume function makes it possible to control the liquid crystal
power supply voltage V5 by commands to adjust the liquid
crystal display brightness.
In the range where | V5 | < | VOUT | the V5 voltage can be
calculated by equation C-1 below based on the R1 and R2
(variable resistor) and R3 settings, where R2 can
be subjected to fine adjustments (Δ R2).
Figure 12
Setup example: When selecting Ta = 25°C and V5 = –5 to –9
V (using R2) for an ST7565-0A the temperature gradient
= –0.15%/°C.
When the central value for the electronic volume register is
set at (D5, D4, D3, D2, D1, D0) = (1, 0, 0, 0, 0, 0), then α =
31 and VREG = –2.1 V so, according to equation C-1, when
Δ
R2 = 0 Ω, in order to make V5 = –9 V,
(
R3
R1+R2
+
1
-5V=
) (1-
31
162 )
(-2.1)
When ΔR2 = R2, in order to make V = –5 V,
(
R3+R2
R1
+
1
-9V=
) (1-
31
162 )
(-2.1)
When the current flowing VDD and V5 is set to 5 uA,
With this, according to equation C-2, C-3 and C-4,
The V5 voltage variable range and notch width based on the
electron volume function is as shown in Table 15.
Table 15
V5
Min
Typ
Max
Units
Variable Range
Notch width
–8.7 (63 levels)
–7.0 (central value)
–5.3 (0 level)
[V]
53
[mV]
()
R3+R2-ΔR2
R1+ΔR2
+
1
VEV
V5 =
=
()
+
1
(1-
α
162 )
VREG
[∵VEV = (1-
α
162 )
VREG
]
R3+R2-ΔR2
R1+ΔR2
External
resistor R1
VEV(fixed voltage power supply+electronic volume)
VDD
V5
External
resistor R3
VR
ΔR2
External
resistor R2
Rb'
Ra'
R2
= 1.4MΩ
R1+
R2
+
R1 = 264kΩ
R2 = 211kΩ
R3 = 925kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com