Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
ST7565
Ver 1.0a
49/56
2002/06/24
Table 19
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicable
Pin
Input voltage
VSS2
(Relative To VDD)
–5.5
—
–2.0
V
VSS2
Supply Step-up output
voltage Circuit
VOUT (Relative To VDD)
–18.0
—
—
V
VOUT
Voltage regulator
Circuit Operating
Voltage
VOUT (Relative To VDD)
–18.0
—
–6.0
V
VOUT
Voltage Follower
Circuit Operating
Voltage
V5
(Relative To VDD)
–13.0
—
–4.0
V
V5 * 9
Base Voltage
VRS
Ta = 25°C , (Relative To VDD)
–0.05%/°C
–2.04
–2.10
–2.16
V
*10
• Dynamic Consumption Current : During Display, with the Internal Power Supply OFF Current consumed by total ICs
when an external power supply is used .
Table 20
Rating
Test pattern
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Display Pattern
OFF
IDD
VDD = 5.0 V,
V5 – VDD = –11.0 V
—
4
12
μ
A
*11
Display Pattern
Checker
IDD
VDD = 5.0 V,
V5 – VDD = –11.0 V
—
7
21
μ
A
*11
• Dynamic Consumption Current : During Display, with the Internal Power Supply ON
Table 21
Rating
Test pattern
Symbol
Condition
Min.
Typ.
Max.
Units Notes
Normal Mode
—
70
110
Display
Pattern OFF
IDD
VDD = 5.0 V,
Quad step-up voltage.
V5 – VDD = –11.0 V
High-Power Mode
—
90
150
μ
A
*12
Normal Mode
—
95
130
Display
Pattern
Checker
IDD
VDD = 5.0 V,
Quad step-up voltage.
V5 – VDD = –11.0 V
High-Power Mode
—
130
180
μ
A
*12
• Consumption Current at Time of Power Saver Mode : VSS = -5.0 V ± 10%
Table 22
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Notes
Sleep mode
IDD
Ta = 25°C
—
0.01
2
Standby Mode
IDD
Ta = 25°C
—
4
8
μ
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com