Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 23 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 23 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
ST7565
Ver 1.0a
23/56
2002/06/24
V5 voltage regulator internal resistance ratio register value and (1 + Rb/Ra) ratio (Reference value)
Table 11
Register
ST7565-0A
ST7565-0B
D2 D1 D0
(1) –0.15 %/°C
(2) VRS External Input
0
0
0
0
0
1
0
1
0
0
1
1
1
0
0
1
0
1
1
1
0
1
1
1
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figures 9, 10 show V5 voltage measured by values of the internal resistance ratio resistor for V5 voltage adjustment and electric
volume resister for each temperature grade model.
Figure 9 : (1) For ST7565-0A the Thermal Gradient = -0.15%/°C
The V5 voltage as a function of the V5 voltage regulator internal resistor ratio register and the electronic volume register.
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
111
110
101
100
011
010
001
000
00H
18H
30H
3FH
V5
UNIT:V
Electronic volume
registered
D5 ~ D0
V5 voltage regulator
internal resistor ratio set
D2,D1,D0
Ta = 25 °C and booster off ,regulator, follower on , VOUT=-13V , VSS=-3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com