Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ST7565
Ver 1.0a
9/56
2002/06/24
System Bus Connection Pins
Pin Name
I/O
Function
No. of Pins
D5 to D0
D6 (SCL)
D7 (SI)
I/O
This is an 8-bit bi-directional data bus that connects to an 8-bit or 16-bit
standard MPU data bus.
When the serial interface is selected (P/S = “L”) :
D7 : serial data input (SI) ; D6 : the serial clock input (SCL).
D0 to D5 are set to high impedance.
When the chip select is not active, D0 to D7 are set to high impedance.
8
A0
I
This is connect to the least significant bit of the normal MPU address bus,
and it determines whether the data bits are data or a command.
A0 = “H”: Indicates that D0 to D7 are display data.
A0 = “L”: Indicates that D0 to D7 are control data.
1
RES
I
When /RES is set to “L,” the settings are initialized.
The reset operation is performed by the /RES signal level.
1
CS1
CS2
I
This is the chip select signal. When /CS1 = “L” and CS2 = “H,” then the
chip select becomes active, and data/command I/O is enabled.
2
/RD
(E)
I
• When connected to an 8080 MPU, this is active LOW.
(E) This pin is connected to the /RD signal of the 8080 MPU, and the
ST7565 series data bus is in an output status when this signal is “L”.
• When connected to a 6800 Series MPU, this is active HIGH.
This is the 6800 Series MPU enable clock input terminal.
1
/WR
(R/W)
I
• When connected to an 8080 MPU, this is active LOW.
(R/W) This terminal connects to the 8080 MPU /WR signal. The signals on
the data bus are latched at the rising edge of the /WR signal.
• When connected to a 6800 Series MPU:
This is the read/write control signal input terminal.
When R/W = “H”: Read.
When R/W = “L”: Write.
1
C86
I
This is the MPU interface switch terminal.
C86 = “H”: 6800 Series MPU interface.
C86 = “L”: 8080 MPU interface.
1
P/S
I
This is the parallel data input/serial data input switch terminal.
P/S = “H”: Parallel data input.
P/S = “L”: Serial data input.
The following applies depending on the P/S status:
When P/S = “L”, D0 to D5 may be “H”, “L” or Open.
/RD (E) and /WR (R/W) are fixed to either “H” or “L”.
With serial data input, It is impossible read data from RAM .
P/S
Data/Command
Data
Read/Write Serial Clock
“H”
A0
D0 to D7
/RD,/ WR
X
“L”
A0
SI (D7)
Write only
SCL (D6)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com