Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 48 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 48 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
ST7565
Ver 1.0a
48/56
2002/06/24
D
DC
C C
CH
HA
AR
RA
AC
CT
TE
ER
RIIS
ST
TIIC
CS
S
Unless otherwise specified, VSS = 0 V, VDD = 3.0 V ± 10%, Ta = –40 to 85°C
Table 18
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units
Applicable
Pin
Operating Voltage (1)
Vss
-5.5
—
-4.0
V
Vss*1
Operating Voltage (2)
VSS2 (Relative to VDD)
–5.5
—
–2.0
V
VSS2
–13.0
—
–4.0
V5 *2
0.4 x V5
—
VDD
V1, V2
Operating Voltage (3)
VSS2 (Relative to VDD)
V5
—
0.6 x V5
V
V3, V4
High-level Input Voltage
VIHC
0.8 x VDD
—
VDD
V
*3
Low-level Input Voltage
VILC
VSS
—
0.2 x VDD
V
*3
High-level Output Voltage
VOHC IOH = –0.5 mA
0.8 x VDD
—
VDD
V
*4
Low-level Output Voltage
VOLC IOL = 0.5 mA
VSS
—
0.2 x VDD
V
*4
Input leakage current
ILI
VIN = VDD or VSS
–1.0
—
1.0
μ
A
*5
Output leakage current
ILO
VIN = VDD or VSS
–3.0
—
3.0
μ
A
*6
V5 = –13.0 V
—
2.0
3.5
Liquid Crystal Driver ON
Resistance
RON
Ta
=
25°C
(Relative
To VDD)
V5 = –8.0 V
—
3.2
5.4
KΩ
SEGn
COMn *7
Static Consumption Current
ISSQ
—
0.01
2
μ
A
VSS, VSS2
Output Leakage Current
I5Q
V5 = –13.0 V(Relative To
VDD)
—
0.01
10
μ
A
V5
Input Terminal Capacitance
CIN
Ta = 25°C , f = 1 MHz
—
5.0
8.0
pF
Internal
Oscillator
fOSC
17
20
24
kHz
*8
Oscillator
Frequency
External
Input
fCL
1/65 duty , Ta = 25°C
17
20
24
kHz
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com