Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 29 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 29 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
ST7565
Ver 1.0a
29/56
2002/06/24
3. When the V/F circuit alone is used
4. When the built-in power is not used
5. When the built-in power circuit is used to drive a liquid
crystal panel heavily loaded with AC or DC, it is
recommended to connect an external resistor to stabilize
potentials of V1, V2, V3 and V4 which are output from the
built-in voltage follower.
Examples of shared reference settings When V5 can vary
between –8 and 12 V
Reference set value R4: 100KΩ ~ 1MΩ It is recommended
to set an optimum
resistance value R4 taking the liquid crystal display and the
drive waveform.
Figure 15
* 1. Because the VR terminal input impedance is high, use short leads and shielded lines.
* 2. C1 and C2 are determined by the size of the LCD being driven. Select a value that will stabilize the liquid crystal
drive voltage.
Example of the Process by which to Determine the Settings:
• Turn the voltage regulator circuit and voltage follower circuit ON and supply a voltage to VOUT from the outside.
• Determine C2 by displaying an LCD pattern with a heavy load (such as horizontal stripes) and selecting a C2 that
stabilizes the liquid crystal drive voltages (V1 to V5). Note that all C2 capacitors must have the same capacitance
value.
• Next turn all the power supplies ON and determine C1.
Item
Set value
Units
C1
C2
1.0 to 4.7
0.1 to 4.7
uF
uF
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2+
CAP2-
V5
VR
VDD
V1
V2
V3
V4
V5
IRS
M/S
C2
C2
C2
C2
C2
VDD
VDD
VSS
External
power
supply
VSS2
VOUT
CAP3-
CAP1+
CAP1-
CAP2+
CAP2-
V5
VR
VDD
V1
V2
V3
V4
V5
IRS
M/S
VDD
VDD
VSS
External power supply
V5
VDD,V0
V1
V2
V3
V4
R4
R4
R4
R4
C2
C1 and C2 are determined by the size of
the LCD being driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com