Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 32 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 32 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
ST7565
Ver 1.0a
32/56
2002/06/24
C
CO
OM
MM
MA
AN
ND
DS
S
The ST7565 identify the data bus signals by a combination of A0, /RD (E), /WR(R/W) signals. Command interpretation and
execution does not depend on the external clock, but rather is performed through internal timing only, and
thus the processing is fast enough that normally a busy check is not required.
In the 8080 MPU interface, commands are launched by inputting a low pulse to the /RD terminal for reading, and inputting a low
pulse to the /WR terminal for writing. In the 6800 Series MPU interface, the interface is placed in a read mode when an “H”
signal is input to the R/W terminal and placed in a write mode when a “L” signal is input to the R/W terminal and then the
command is launched by inputting a high pulse to the E terminal. Consequently, the 6800 Series MPU interface is different than
the 80x86 Series MPU interface in that in the explanation of commands and the display commands the status read and display
data read /RD (E) becomes “1(H)”. In the explanations below the commands are explained using the 8080 Series MPU
interface as the example.
When the serial interface is selected, the data is input in sequence starting with D7.
<Explanation of Commands>
Display ON/OFF
This command turns the display ON and OFF.
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Setting
0
1
0
1
0
1
0
1
1
1
1
0
Display ON
Display OFF
When the display OFF command is executed when in the display all points ON mode, power saver mode is entered. See the
section on the power saver for details.
Display Start Line Set
This command is used to specify the display start line address of the display data RAM shown in Figure 4. For further details
see the explanation of this function in “The Line Address Circuit”.
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Line address
0
1
0
0
1
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
↓
1
1
1
1
1
0
1
1
1
1
1
1
0
1
2
↓
62
63
Page Address Set
This command specifies the page address corresponding to the low address when the MPU accesses the display data RAM
(see Figure 4). Specifying the page address and column address enables to access a desired bit of the display data RAM.
Changing the page address does not accompany a change in the status display.
E
R/W
A0
/RD
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Page address
0
1
0
1
0
1
1
0
0
0
0
0
0
0
1
0
0
1
0
↓
0
1
1
1
1
0
0
0
0
1
2
↓
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com