Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
ST7565
Ver 1.0a
39/56
2002/06/24
Static Indicator Register Set
This command sets two bits of data into the static indicator register, and is used to set the static indicator into a blinking mode.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
Indicator Display State
0
1
0
*
*
*
*
*
*
0 0
0 1
1 0
1 1
OFF
ON (blinking at approximately one second intervals)
ON (blinking at approximately 0.5 second intervals)
ON (constantly on)
* Disabled bit
Static Indicator Register Set Sequence
Figure 27
Power Save (Compound Command)
When the display all points ON is performed while the display is in the OFF mode, the power saver mode is entered, thus
greatly reducing power consumption.
The power saver mode has two different modes: the sleep mode and the standby mode. When the static indicator is OFF, it is
the sleep mode that is entered. When the static indicator is ON, it is the standby mode that is entered.
In the sleep mode and in the standby mode, the display data is saved as is the operating mode that was in effect before the
power saver mode was initiated, and the MPU is still able to access the display data RAM.
Refer to figure 28 for power save off sequence.
Figure 28
Static indicator mode set
Static indicator register set
Set complete ?
YES
NO
Static indicator mode clear
Static indicator OFF
Display OFF
Display all point ON
Sleep mode
Power save OFF
Display all point OFF
Static indicator ON (2 bytes)
Sleep mode cancel
Static indicator ON
Display OFF
Display all point ON
Standby mode
Power save OFF
( Display all point OFF )
Standby mode cancel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com