Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 56 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 56 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 56Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
ST7565
Ver 1.0a
56/56
2002/06/24
Revisions
Version 0.4
- Page 16
Modify Figure 4.
- Page 55
Add Revisions page.
Version 0.5
- Page 1
Modify FEATURES.
- Page 2
Modify PIN DIMENSIONS.
- Page 3~6
Modify Pad Center Coordinates.
- Page 7,10 Modify PIN DESCRIPTIONS.
- Page 18
Modify Table 6.
- Page 22~27 Modify The Voltage Regulator Circuit.
Version 0.6
- Page 2
Modify PIN DIMENSIONS.
Version 0.7
- Page 4,5
Modify PAD CENTER COORDINATES
Version 0.8
- Page 7
Add new page for BLOCK DIAGRAM
- Page 12
Modify PIN OPTION TERMUNALS
- Page 13
Modify Table 2
- Page 31
Modify "the built-in power is not used" and "when the V/F circuit alone is used"
- Page 51
Modify Table 25
Version 0.9
- Cancel master/slave mode .
Modify DC characteristics
Version 0.9a - Reference Circuit Examples(2” & 1.4” panel)
Version 0.9b - Modify Reference Circuit C1,C2 value
Version 0.9c
- Modify page 30
Version 0.9d - Modify page 29
Version 1.0a - Modify Logic power supply VDD – VSS = 4.0V to 5.5V, VOUT= -18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com