Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 45 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 45 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
ST7565
Ver 1.0a
45/56
2002/06/24
Refresh
It is recommended to turn on the refresh sequence regularly at a specified interval.
Precautions on Turning off the power
<Turning the power (VDD - VSS) off>
1) Power Save (The LCD powers (VDD - V5) are off.) → Reset input → Power (VDD - VSS) OFF
• Observe
tL > tH.
• When
tL < tH, an irregular display may occur.
Set
tL on the MPU according to the software. tH is determined according to the external capacity C2 (smoothing
capacity of V5 ~ V1) and the driver’s discharging capacity.
Reset command or NOP command
Refreshing of DRAM
Set all commands to the ready state
Refresh sequence
Reset
Power save
Power Off
tL
1.8V
VDD
VDD
tH
V1
V2
V3
V4
V5
COM
SEG
VDD
RES
About 1V:below Vth of the LCD Panel
Since the power (VDD-VSS) is cut off,the
output comes not to be fixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com