Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 12 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 12 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ST7565
Ver 1.0a
12/56
2002/06/24
D
DE
ES
SC
CR
RIIP
PT
TIIO
ON
N O
OF
F F
FU
UN
NC
CT
TIIO
ON
NS
S
The MPU Interface
Selecting the Interface Type
With the ST7565 chips, data transfers are done through an
8-bit parallel data bus (D7 to D0) or through a serial data
input (SI). Through selecting the P/ S terminal polarity to the
“H” or “L” it is possible to select either para lle l
data input or serial data input as shown in Table 1.
Table 1
P/S
CS1
CS2
A0
RD
WR
C86
D7
D6
D5~D0
H: Parallel Input
/CS1
CS2
A0
/RD
/WR
C86
D7
D6
D5~D0
L: Serial Input
/CS1
CS2
A0
—
—
—
SI
SCL
(HZ)
“—” indicates fixed to either “H” or to “L”
The Parallel Interface
When the parallel interface has been selected (P/S =“H”),
then it is possible to connect directly to either an
8080-system MPU or a 6800 Series MPU (shown in Table 2)
by selecting the C86 terminal to either “H” or to “L”.
Table 2
C86
(P/S=H)
CS1
CS2
A0
/RD
/WR
D7~D0
H: 6800 Series
/CS1
CS2
A0
E
R/W
D7~D0
L: 8080 Series
/CS1
CS2
A0
/RD
/WR
D7~D0
Moreover, data bus signals are recognized by a combination
of A0, /RD (E), /WR (R/W) signals, as shown in Table 3.
Table 3
Shared
6800 Series
8080 Series
A0
R/W
/RD
/WR
Function
1
1
0
1
Reads the display data
1
0
1
0
Writes the display data
0
1
0
1
Status read
0
0
1
0
Write control data (command)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com