Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 46 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 46 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
ST7565
Ver 1.0a
46/56
2002/06/24
<Turning the power (VDD - VSS) off : When command control is not possible.>
2) Reset (The LCD powers (VDD - VSS) are off.) → Power (VDD - VSS) OFF
• Observe
tL > tH.
• When
tL < tH, an irregular display may occur.
For
tL, make the power (VDD - VSS) falling characteristics longer or consider any other method. tH is
determined according to the external capacity C2 (smoothing capacity of V5 to V1) and the driver’s discharging
capacity.
<Reference Data>
V5 voltage falling (discharge) time (
tH) after the process of operation → power save → reset.
V5 voltage falling (discharge) time (
tH) after the process of operation → reset.
Figure 29
Reset
Power Off
tL
1.8V
VDD
VDD
tH
V1
V2
V3
V4
V5
COM
SEG
VDD
RES
About 1V:below Vth of the LCD Panel
Since the power (VDD-VSS) is cut off,the
output comes not be fixed.
5.0
4.0
3.0
2.4
1.8
1.0
0.5
0
50
100
VDD-VSS(V)
C2 : V1 to V5 capacity (uF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com