Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 15 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 15 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 16Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 17Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
ST7565
Ver 1.0a
15/56
2002/06/24
Display Data RAM
Display Data RAM
The display data RAM stores the dot data for the LCD. It has
a 65 (8 page x 8 bit +1) x 132 bit structure.
as is shown in Figure 3, the D7 to D0 display data from the
MPU corresponds to the LCD display common direction,
there are few constraints at the time of display data transfer
when multiple ST7565 are used, thus and display structures
can be created easily and with a high degree of freedom.
Moreover, reading from and writing to the display RAM from
the MPU side is performed through the I/O buffer, which is an
independent operation from signal reading for the liquid
crystal driver. Consequently, even if the display data RAM is
accessed asynchronously during liquid crystal display, it will
not cause adverse effects on the display (such as flickering).
Figure 3
The Page Address Circuit
Page address of the display data RAM is specified through
the Page Address Set Command. The page address must
be specified again when changing pages to perform access.
Page address 8 (D3, D2, D1, D0 = 1, 0, 0, 0) is a special
RAM for icons, and only display data D0 is used.
(see Figure 4)
The Column Addresses
The display data RAM column address is specified by the
Column Address Set command. The specified column
address is incremented (+1) with each display data
read/write command. This allows the MPU display data to be
accessed continuously. Moreover, the incrimination of
column addresses stops with 83H. Because the column
address is independent of the page address, when moving,
for example, from page 0 column 83H to page 1 column 00H,
it is necessary to respectively both the page address and the
column address.
Furthermore, as is shown in Table 4, the ADC command
(segment driver direction select command) can be used to
reverse the relationship between the display data RAM
column address and the segment output. Because of this,
the constraints on the IC layout when the LCD module is
assembled can be minimized. As is shown in Figure 4,
Table 4
SEG Output
ADC
SEG0
SEG 131
(D0) “0”
(D0) “1”
0 (H)
→ Column Address →
83 (H)
83 (H)
← Column Address ←
0 (H)
The Line Address Circuit
The line address circuit, as shown in Table 4, specifies the
line address relating to the COM output when the contents of
the display data RAM are displayed. Using the display start
line address set command, what is normally the top line of
the display can be specified (this is the COM0 output when
the common output mode is normal, and the COM63 output
for ST7565 , the detail is shown page.11 The display area is
a 65 line area for the ST7565.
If the line addresses are changed dynamically using the
display start line address set command, screen scrolling,
page swapping, etc. can be performed.
0
1
0
0
1
1
0
0
1
0
1
0
0
1
0
1
0
0
1
0
0
0
0
0
0
D0
D1
D2
D3
D4
-
Display data RAM
COM0
COM1
COM2
COM3
COM4
-
Liquid crystal display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com