| Electronic Components Datasheet Search |
|
ST7565 Datasheet(PDF) 38 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7565 Datasheet(HTML) 38 Page - Sitronix Technology Co., Ltd. |
|
38 / 56 page ![]() ST7565 Ver 1.0a 38/56 2002/06/24 Electronic Volume Register Set By using this command to set six bits of data to the electronic volume register, the liquid crystal drive voltage V5 assumes one of the 64 voltage levels. When this command is input, the electronic volume mode is released after the electronic volume register has been set. E R/W A0 RD WR D7 D6 D5 D4 D3 D2 D1 D0 | V5 | 0 1 0 * * 0 0 0 0 0 1 * * 0 0 0 0 1 0 * * 0 0 0 0 1 1 ↓ * * 1 1 1 1 1 0 * * 1 1 1 1 1 1 Small ↓ Large * Inactive bit When the electronic volume function is not used, set this to (1, 0, 0, 0, 0, 0) The Electronic Volume Register Set Sequence Figure 26 Static Indicator (Double Byte Command) This command controls the static drive system indicator display. The static indicator display is controlled by this command only, and is independent of other display control commands. This is used when one of the static indicator liquid crystal drive electrodes is connected to the FR terminal, and the other is connected to the FRS terminal. A different pattern is recommended for the static indicator electrodes than for the dynamic drive electrodes. If the pattern is too close, it can result in deterioration of the liquid crystal and of the electrodes. The static indicator ON command is a double byte command paired with the static indicator register set command, and thus one must execute one after the other. (The static indicator OFF command is a single byte command.) Static Indicator ON/OFF When the static indicator ON command is entered, the static indicator register set command is enabled. Once the static indicator ON command has been entered, no other command aside from the static indicator register set command can be used. Th is mode is cleared when data is set in the register b y the static indicator reg is ter set co mmand. E R/W A0 /RD /WR D7 D6 D5 D4 D3 D2 D1 D0 Static Indicator 0 1 0 1 0 1 0 1 1 0 0 1 OFF ON electronic volume mode set electronic volume register set Set complete ? YES NO Electronic volume mode clear |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |