Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 25 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 25 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
ST7565
Ver 1.0a
25/56
2002/06/24
(B) When an External Resistance is Used (The V5 Voltage Regulator Internal Resistors Are Not Used) (1)
The liquid crystal power supply voltage V5 can also be set
without using the V5 voltage regulator internal resistors (IRS
terminal = “L”) by adding resistors Ra’ and Rb’ between VDD
and VR, and between VR and V5, respectively. When this is
done, the use of the electronic volume function makes it
possible to adjust the brightness of the liquid crystal display
by controlling the liquid crystal power supply voltage V5
through commands.
In the range where | V5 | < | VOUT |, the V5 voltage can be
calculated using equation B-1 based on the external
resistances Ra’ and Rb’.
Figure 11
Setup example: When selecting Ta = 25°C and V5 = –7 V for
ST7565-0A the temperature gradient = –0.15%/°C.
When the central value of the electron volume register is
(D5, D4, D3, D2, D1, D0) = (1, 0, 0, 0, 0, 0), then α = 31 and
VREG = –2.1V so, according to equation B-1,
=
()
Rb'
Ra'
+
1
(1-
31
162 )
(-2.1)
-7V
=
()
Rb'
Ra'
+
1
(1-
α
162 )
VREG
V5
Moreover, when the value of the current running through
Ra’ and Rb’ is set to 5 uA,
Rb'= 1.4MΩ
Ra'+
Consequently, by equations B-2 and B-3,
=
Rb'
Ra'
3.12
Ra' = 340kΩ
Rb' = 1060kΩ
At this time, the V5 voltage variable range and notch
width, based on the electron volume function, is as
given in Table 14.
Table 14
V5
Min
Typ
Max
Units
Variable Range
Notch width
–8.6 (63 levels)
–7.0 (central value)
–5.3 (0 level)
[V]
52
[mV]
()
Rb'
Ra'
+
1
VEV
V5 =
=
()
Rb'
Ra'
+
1
(1-
α
162 )
VREG
[∵VEV = (1-
α
162 )
VREG
]
External
resistor Ra'
VEV(fixed voltage power supply+electronic volume)
VDD
V5
External
resistor Rb'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com