Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 53 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 53 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 54Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 55Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 56Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
ST7565
Ver 1.0a
53/56
2002/06/24
The Serial Interface
Figure 39
Table 26
(VDD = 4.5 V to 5.5 V, Ta =25°C )
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Units
Serial Clock Period
tSCYC
400
—
SCL “H” pulse width
tSHW
120
—
SCL “L” pulse width
SCL
tSLW
120
—
Address setup time
tSAS
50
—
Address hold time
A0
tSAH
50
—
Data setup time
tSDS
50
—
Data hold time
SI
tSDH
50
—
CS-SCL time
tCSS
50
—
CS-SCL time
CS
tCSH
150
—
ns
*1 The input signal rise and fall time (
tr, tf) are specified at 15 ns or less.
*2 All timing is specified using 20% and 80% of VDD as the standard.
tCSH
CS1
(CS2="1")
A0
SI
SCL
tCCSS
tSAS
tSAH
tSCYC
tSLW
tSHW
tSDH
tSDS
tf
tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com