Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 35 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 35 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ST7565
Ver 1.0a
35/56
2002/06/24
LCD Bias Set
This command selects the voltage bias ratio required for the liquid crystal display.
Select Status
E
R/W
A0
/RD
/ WR
D7
D6
D5
D4
D3
D2
D1
D0
1/65duty
1/49duty
1/33duty
1/55duty
1/53duty
1/9 bias
1/8 bias
1/6 bias
1/8 bias
1/8 bias
0
1
0
1
0
1
0
0
0
1
0
1
1/7 bias
1/6 bias
1/5 bias
1/6 bias
1/6 bias
Read/Modify/Write
This command is used paired with the “END” command. Once this command has been input, the display data read command
does not change the column address, but only the display data write command increments (+1) the column address. This mode
is maintained until the END command is input. When the END command is input, the column address returns to the address it
was at when the read/modify/write command was entered. This function makes it possible to reduce the load on the MPU when
there are repeating data changes in a specified display region, such as when there is a blanking cursor.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
1
1
0 0
0
0
0
* Even in read/modify/write mode, other commands aside from display data read/write commands can also be used.
However, the column address set command cannot be used.
END
Page address set
Column address set
Dummy read
Data read
Data write
Changes
Finished ?
Read-modify-write cycle
NO
YES
Figure 24 Command Sequence For read modify write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com