Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 47 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 47 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
ST7565
Ver 1.0a
47/56
2002/06/24
A
AB
BS
SO
OL
LU
UT
TE
E M
MA
AX
XIIM
MU
UM
M R
RA
AT
TIIN
NG
GS
S
Unless otherwise noted, VSS = 0V
Table 17
Parameter
Symbol
Conditions
Unit
Power Supply Voltage
VSS
–0.3 ~ +6.0
V
Power supply voltage (VDD standard)
VSS2
–2.0 ~ -6.0
V
Power supply voltage (VDD standard)
V5, VOUT
–20.0 ~ +0.3V
V
Power supply voltage (VDD standard)
V1, V2, V3, V4
V5 to +0.3
V
Input voltage
VIN
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Operating temperature
TOPR
–40 to +85
°C
Storage temperature
TCP
Bare chip
TSTR
–55 to +100
–55 to +125
°C
Figure 30
Notes and Cautions
1. The VSS2, V1 to V5 and VOUT are relative to the VDD = 0V reference.
2. Insure that the voltage levels of V1, V2, V3, and V4 are always such that VDD ≧ V1 ≧ V2 ≧ V3 ≧ V4 ≧ V5.
3. Permanent damage to the LSI may result if the LSI is used outside of the absolute maximum ratings. Moreover, it is
recommended that in normal operation the chip be used at the electrical characteristic conditions, and use of the LSI
outside of these conditions may not only result in malfunctions of the LSI, but may have a negative impact on the LSI
reliability as well.
VDD
VSS2,V1 to V4
V5.,VOUT
VDD
VSS
VCC
GND
System (MPU) side
ST7565 chip side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com