Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 18Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 19Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
ST7565
Ver 1.0a
22/56
2002/06/24
Figure 8
VREG is the IC-internal fixed voltage supply, and its voltage at Ta = 25°C is as shown in Table 9.
Table 9
Part no.
Equipment Type
Thermal Gradient
VREG
ST7565-0A
(1) Internal Power Supply
–0.15 %/°C
–2.1V
ST7565-0B
(2) External Input
—
VRS
α
is set to 1 level of 64 possible levels by the electronic volume function depending on the data set in the 6-bit electronic
volume register. Table 10 shows the value for α depending on the electronic volume register settings.
Rb/Ra is the V5 voltage regulator internal resistor ratio, and can be set to 8 different levels through the V5 voltage regulator
internal resistor ratio set command. The (1 + Rb/Ra) ratio assumes the values shown in Table 11 depending on the 3-bit data
settings in the V5 voltage regulator internal resistor ratio register.
Table 10
D5
D4
D3
D2
D1
D0
α
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
1
0
:
:
1
1
1
1
0
1
1
1
1
1
1
0
1
1
1
1
1
1
63
62
61
:
:
2
1
0
()
Rb
Ra
+
1
VEV
V5 =
=
()
Rb
Ra
+
1
(1-
α
162 )
VREG
[∵VEV = (1-
α
162 )
VREG
]
Internal Ra
Internal Rb
VEV(constant voltage supply+electronic volume)
VDD
V5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com