Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 44 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 44 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 44Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
ST7565
Ver 1.0a
44/56
2002/06/24
(2) Data Display
Notes: Reference items
*9: Command Description; Display start line set
*10: Command Description; Page address set
*11: Command Description; Column address set
*12: Command Description; Display data write
*13: Command Description; Display ON/OFF
Avoid displaying all the data at the data display start (when the display is ON) in white.
(3) Power OFF *14
Notes: Reference items
*14: The logic circuit of this IC’s power supply VDD - VSS controls the driver of the LCD power supply VDD - V5. So, if the
power supply VDD - VSS is cut off when the LCD power supply VDD - V5 has still any residual voltage, the driver
(COM. SEG) may output any uncontrolled voltage. When turning off the power, observe the following basic
procedures:
• After turning off the internal power supply, make sure that the potential V5 ~ V1 has become below the threshold
voltage of the LCD panel, and then turn off this IC’s power supply (VDD - VSS). 6. Description of Function, 6.7
Power Circuit
*15: After inputting the power save command, be sure to reset the function using the /RES terminal until the power
supply VDD - VSS is turned off. 7. Command Description (20) Power Save
*16: After inputting the power save command, do not reset the function using the /RES terminal until the power supply
VDD - VSS is turned off. 7. Command Description (20) Power Save
Function setup by command input (User
setup)
(2) Display start line set *9
(3) Page address set *10
(4) Column address set *11
Function setup by command input (User
setup)
(6) Display data write *12
End of data display
Function setup by command input (User
setup)
(1) Display ON/OFF *13
End of initialization
Function setup by command input (User
setup)
(20) Power save *15
VDD – VSS power OFF
Reset active (/RES pin = “L”)
Optional status
Set the time (
tL) from reset
active to turning off the VDD -
VSS power (VDD - VSS = 1.8V)
longer than the time (
tH) when
th e p o ten t ial of V 5 ~ V1
becomes below the threshold
voltage (approximately 1V) of
the LCD panel. For
tH, refer to
the <Reference Data> of this
event. When
tH is too long,
insert a resistor between V5
and VDD to reduce it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com