Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 37 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 37 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
ST7565
Ver 1.0a
37/56
2002/06/24
Power Controller Set
This command sets the power supply circuit functions. See the function explanation in “The Power Supply Circuit,” for details
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
Selected Mode
0
0
1
0 1
0
1
Booster circuit: OFF
Booster circuit: ON
0
1
Voltage regulator circuit: OFF
Voltage regulator circuit: ON
0
1
0
0
1
Voltage follower circuit: OFF
Voltage follower circuit: ON
V5 Voltage Regulator Internal Resistor Ratio Set
This command sets the V5 voltage regulator internal resistor ratio. For details, see the function explanation is “The Voltage
Regulator circuit " and table 11 .
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
Rb/Ra Ratio
0
1
0
0
0
1
0
0 0
0
0
0
0
1
0
1
0
↓
1
1
1
1
1
1
Small
↓
Large
The Electronic Volume (Double Byte Command)
This command makes it possible to adjust the brightness of the liquid crystal display by controlling the LCD drive voltage V5
through the output from the voltage regulator circuits of the internal liquid crystal power supply. This command is a two byte
command used as a pair with the electronic volume mode set command and the electronic volume register set
command, and both commands must be issued one after the other.
The Electronic Volume Mode Set
When this command is input, the electronic volume register set command becomes enabled. Once the electronic volume mode
has been set, no other command except for the electronic volume register command can be used. Once the electronic
volume register set command has been used to set data into the register, then the electronic volume mode is released.
E
R/W
A0
/RD
/WR
D7 D6 D5 D4 D3 D2 D1 D0
0
1
0
1
0
0
0 0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com