Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 11 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 11 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 14Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 15Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
ST7565
Ver 1.0a
11/56
2002/06/24
LCD Driver Pins
Pin Name
I/O
Function
No. of Pins
SEG0
to
SEG131
O
These are the LCD segment drive outputs. Through a combination of the
contents of the display RAM and with the FR signal, a single level is selected
from VDD, V2, V3, and V5.
Output Voltage
RAM DATA
FR
Normal Display
Reverse Display
H
H
VDD
V2
H
L
V5
V3
L
H
V2
VDD
L
L
V3
V5
Power save
VDD
132
COM0
to
COMn
O
These are the LCD common drive outputs.
Through a combination of the contents of the scan data and with the FR
signal, a single level is selected from VDD, V1, V4, and V5.
Part No.
COM
TOTAL
ST7565
COM0 ~ COM63
64
ST7566
COM0 ~ COM47
48
ST7567
COM0 ~ COM31
32
ST7568
COM0 ~ COM53
54
ST7569
COM0 ~ COM51
52
Scan Data
FR
Output Voltage
H
H
V5
H
L
VDD
L
H
V1
L
L
V4
Power save
VDD
COMS
O
These are the COM output terminals for the indicator. Both terminals output
the same signal.
Leave these open if they are not used.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com