Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 31 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 31 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 29Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 30Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 31Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 32Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 33Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 34Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
ST7565
Ver 1.0a
31/56
2002/06/24
The Reset Circuit
When the /RES input comes to the “L” level, these LSIs
return to the default state. Their default states are as follows:
1. Display OFF
2. Normal display
3. ADC select: Normal (ADC command D0 = “L”)
4. Power control register: (D2, D1, D0) = (0, 0, 0)
5. Serial interface internal register data clear
6. LCD power supply bias rate:
1/65 DUTY = 1/9 bias
1/49,1/55,1/53 DUTY = 1/8 bias
1/33 DUTY = 1/6 bias
7. All-indicator lamps-on OFF (All-indicator lamps ON/OFF
command D0 = “L”)
8. Power saving clear
9. V5 voltage regulator internal resistors Ra and Rb
separation
10. Output conditions of SEG and COM terminals SEG :
V2/V3, COM : V1/V4
11. Read modify write OFF
12. Static indicator OFF Static indicator register : (D1, D2) =
(0, 0)
13. Display start line set to first line
14. Column address set to Address 0
15. Page address set to Page 0
16. Common output status normal
17. V5 voltage regulator internal resistor ratio set mode clear
18. Electronic volume register set mode clear Electronic
volume register :
(D 5 , D 4 , D 3 , D 2 , D 1 , D 0 ) = (1 , 0. 0, 0 , 0,0 )
19. Test mode clear
On the other hand, when the reset command is used, the
above default settings from 11 to 19 are only executed.
When the power is turned on, the IC internal state becomes
unstable, and it is necessary to initialize it using the /RES
terminal. After the initialization, each input terminal should
be controlled normally.
Moreover, when the control signal from the MPU is in the
high impedance, an over current may flow to the IC. After
applying a current, it is necessary to take proper measures to
prevent the input terminal from getting into the high
impedance state.
If the internal liquid crystal power supply circuit is not used on
ST7565,it is necessary that /RES is “H” when the external
liquid crystal power supply is turned on. This IC has the
function to discharge V5 when /RES is “L,” and the external
power supply short-circuits to VDD when /RES is “L.”
While /RES is “L,” the oscillator and the display timing
generator stop, and the CL, FR, FRS and /DOF terminals are
fixed to “H.” The terminals D0 to D7 are not affected. The
VDD level is output from the SEG and COM output terminals.
This means that an internal resistor is connected between
VDD and V5.
When the internal liquid crystal power supply circuit is not
used on other models of ST7565 series, it is necessary that
/RES is “L” when the external liquid crystal power supply is
turned on.
While /RES is “L,” the oscillator works but the display timing
generator stops, and the CL, FR, FRS and /DOF terminals
are fixed to “H.” The terminals D0 to D7 are not affected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com