Electronic Components Datasheet Search
  English  ▼

X  

ST7565 Datasheet(PDF) 24 Page - Sitronix Technology Co., Ltd.

Part # ST7565
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565 Datasheet(HTML) 24 Page - Sitronix Technology Co., Ltd.

Back Button ST7565 Datasheet HTML 20Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 21Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 22Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 23Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 24Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 25Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 26Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 27Page - Sitronix Technology Co., Ltd. ST7565 Datasheet HTML 28Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
ST7565
Ver 1.0a
24/56
2002/06/24
Figure 10 : (2) For ST7565-0B with External Input VRS
The V5 voltage as a function of the V5 voltage regulator internal resistor ratio register and the electronic volume register.
Setup example: When selecting Ta = 25°C and V5 = –7V for an ST7565-0A on which Temperature gradient = –0.15%/°C.
Using Figure 9 and the equation A-1, the following setup is enabled.
At this time, the variable range and the notch width of the V5 voltage is, as shown Table 13, as dependent on the electronic
volume.
Table 12
Register
Contents
D5 D4 D3 D2 D1 D0
For V5 voltage regulator
Electronic Volume
— — — 0 1
0
1
0
0 1
0
1
Table 13
V5
Min
Typ
Max
Units
Variable Range
Notch width
–8.4 (63 levels)
–6.8 (central value)
–5.1 (0 level)
[V]
51
[mV]
V5 voltage regulator
internal resistor ratio set
D2,D1,D0
-14
-13
-12
-11
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
111
00H
18H
30H
3FH
V5
UNIT:V
Electronic volume
registered
D5 ~ D0
Ta = 25 °C and booster off ,regulator, follower on , VOUT=-13V , VSS=-3V,VRS=-2.6V
110
101
100
011
010
001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com