Electronic Components Datasheet Search
  English  ▼

X  

MAC7200 Datasheet(PDF) 618 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 618 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 614Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 615Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 616Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 617Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 618Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 619Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 620Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 621Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 622Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 976 page
background image
The Generic FlexCAN2 Module
MAC7200 Microcontroller Family Reference Manual, Rev. 2
540
Freescale Semiconductor
The sensitivity to CAN bus activity can be modified by applying a low-pass filter function to the Rx CAN
input line while in Doze Mode. See the WAK_SRC bit in Section 28.2.6.3.1, “Module Configuration
Register (MCR).” This feature can be used to protect FlexCAN from waking up due to short glitches on
the CAN bus lines. Such glitches can result from electromagnetic interference within noisy environments.
NOTE
Not all MCUs are equipped with the low-pass filter. Consult the specific
MCU documentation to determine if the low-pass filter is available, and to
determine its electrical parameters.
28.2.7.8.4
Stop Mode
This is a system low power mode in which all MCU clocks are stopped for maximum power savings. If
FlexCAN receives the global Stop Mode request during Freeze Mode, it sets the LPM_ACK bit, negates
the FRZ_ACK bit and then sends a Stop Acknowledge signal to the CPU, in order to shut down the clocks
globally. If Stop Mode is requested during transmission or reception, FlexCAN does the following:
•
Waits to be in either Idle or Bus Off state, or else waits for the third bit of Intermission and checks
it to be recessive
•
Waits for all internal activities like arbitration, matching, move-in and move-out to finish
•
Ignores its Rx input pin and drives its Tx pin as recessive
•
Sets the NOT_RDY and LPM_ACK bits in MCR
•
Sends a Stop Acknowledge signal to the CPU, so that it can shut down the clocks globally
Exiting Stop Mode is done in one of the following ways:
•
CPU resuming the clocks and removing the Stop Mode request
•
CPU resuming the clocks and Stop Mode request as a result of the Self Wake mechanism
In the Self Wake mechanism, if the SLF_WAK bit in MCR Register was set at the time FlexCAN entered
Stop Mode, then upon detection of a recessive to dominant transition on the CAN bus, FlexCAN sets the
WAK_INT bit in the ESR Register and, if enabled by the WAK_MSK bit in MCR, generates a Wake Up
interrupt to the CPU. Upon receiving the interrupt, the CPU should resume the clocks and remove the Stop
Mode request. FlexCAN will then wait for 11 consecutive recessive bits to synchronize to the CAN bus.
As a consequence, it will not receive the frame that woke it up. Table 28-20 details the effect of SLF_WAK
and WAK_MSK upon wake-up from Stop Mode. Note that wake-up from Stop Mode only works when
both bits are asserted.
Table 28-20. Wake-up from Stop Mode
SLF_WAK
WAK_MSK
MCU
Clocks
Enabled
Wake-up
Interrupt
Generated
0
0
No
No
0
1
No
No
1
0
No
No
11
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com